PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
R3111Q091A R3111Q091A-T1 R3111Q091A-TR R3111Q091A- |
Low voltage detector. Detector threshold (-Vdet) 5.5V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: Nch open drain. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: Nch open drain. Standard taping specification TR LOW VOLTAGE DETECTOR R3111XXX1A/C SERIES Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 5.6V. Output type: CMOS. Standard taping specification TR
|
RICOH[RICOH electronics devices division]
|
BD48L23FVE-TL BD48L23FVE-TR BD48L23G-TR BD48L23G-T |
Standard CMOS Voltage Detector IC Standard CMOS Voltage Detector IC High accuracy detection, Ultra-low current consumption
|
Rohm
|
BU4227FVE-TR BU4321F-TR |
Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
|
Rohm
|
MAX16063TG |
1% Accurate, Low-Voltage, Quad Window Voltage Detector
|
Maxim Integrated Products
|
KIA7429F KIA7429P KIA7432P KIA7433F KECHOLDINGS-KI |
B>2.9V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.2V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压2.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压2.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压3.3V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压3.3伏) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(?靛?妫??????ㄤ???被CPU绯荤????绾块?杈?郴缁??涓??????舵??垫?娴?澶??淇″?????靛?锛?.3V))
|
KEC Holdings
|
TC53 TC53N3002ETR TC53C1802CTTR TC53C1802ETR TC53C |
The TC53 is a low power voltage detector. Typical supply current consumption is only 1A at an input voltage of 2V. The voltage detection threshold setting is factory-programmed and guaranteed to ±2% accuracy. Threshold settings are a
|
MICROCHIP[Microchip Technology]
|
AZ70XX07 AZ7029Z-E1 AZ7025ZTR-E1 AZ7029RTR-E1 AZ70 |
VOLTAGE DETECTOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
R1221N16AH-TR R1221N15AH-TR R1221N17AH-TR R1221N18 |
High Power Chip - HPC 12 2 1% B Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Voltage-Mode SMPS Controller 电压模式开关电源控制器 Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 降压直流/直流电压检测器 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Ricoh Co., Ltd. http:// RICOH electronics devices division
|
MDT7820ST23 |
Voltage Detector
|
Micon Design Technology Corporation Micon Design Technology...
|
BD4924FVE BD4927FVE BD4932FVE BD4923FVE BD4925FVE |
Voltage Detector IC
|
ROHM[Rohm]
|